Part Number Hot Search : 
SL1505 01906 LM324A 1336M D2587P59 1217M KL07ES A1205LLH
Product Description
Full Text Search
 

To Download APTM100TDU35PG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM100TDU35PG
Triple dual common source
VDSS = 1000V RDSon = 350m typ @ Tj = 25C ID = 22A @ Tc = 25C
Application * AC Switches * Switched Mode Power Supplies * Uninterruptible Power Supplies
S5/S6
MOSFET Power Module
D1 D3 D5
G1
G3
G5
S1 S1/S2
S3 S3/S4
S5
S2 G2
S4 G4
S6 G6
D2
D4
D6
Features * Power MOS 7(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged * Kelvin source for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Very low (12mm) profile * Each leg can be easily paralleled to achieve a dual common source configuration of three times the current capability * RoHS Compliant
D1
D3
D5
G1 S1/S2 S1 S2 G2 S3/S4
G3 S3 S4 G4 S5/S6
G5 S5 S6 G6
D2
D4
D6
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
Tc = 25C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-6
APTM100TDU35PG- Rev 1 July, 2006
Max ratings 1000 22 17 88 30 420 390 25 50 3000
Unit V A V m W A
APTM100TDU35PG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol IDSS RDS(on) VGS(th) IGSS Characteristic Test Conditions Min Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current
VGS = 0V,VDS = 1000V VGS = 0V,VDS = 800V T j = 25C T j = 125C
Typ
VGS = 10V, ID = 11A VGS = VDS, ID = 2.5mA VGS = 30V, VDS = 0V
350 3
Max 100 500 420 5 100
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 500V ID = 22A Inductive switching @ 125C VGS = 15V VBus = 670V ID = 22A R G = 5 Inductive switching @ 25C VGS = 15V, VBus = 670V ID = 22A, R G = 5 Inductive switching @ 125C VGS = 15V, VBus = 670V ID = 22A, R G = 5
Min
Typ 5.2 0.88 0.16 186 24 122 18 12 155 40 900 623 1423 779
Max
Unit nF
nC
ns
J
J
Source - Drain diode ratings and characteristics
Symbol Characteristic IS Continuous Source current (Body diode) VSD Diode Forward Voltage dv/dt Peak Diode Recovery trr Reverse Recovery Time Qrr Reverse Recovery Charge
Test Conditions Tc = 25C Tc = 80C
Min
Typ
VGS = 0V, IS = - 22A IS = - 22A VR = 670V diS/dt = 100A/s Tj = 25C Tj = 25C 1170 16.28
Max 22 17 1.3 10
Unit A V V/ns ns C
www.microsemi.com
2-6
APTM100TDU35PG- Rev 1 July, 2006
dv/dt numbers reflect the limitations of the circuit rather than the device itself. IS - 22A di/dt 700A/s VR VDSS Tj 150C
APTM100TDU35PG
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 3
Typ
Max 0.32 150 125 100 5 250
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To heatsink
M6
SP6-P Package outline (dimensions in mm)
5 places (3:1)
See application note 1902 - Mounting Instructions for SP6-P (12mm) Power Modules on www.microsemi.com
www.microsemi.com
3-6
APTM100TDU35PG- Rev 1 July, 2006
APTM100TDU35PG
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10 0.9 0.7 0.5 0.3
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 60
VGS=15, 10&8V
Transfert Characteristics 80 70 ID, Drain Current (A) 60 50 40 30 20 10 0 30 0 1 2 3 4 5
T J=25C T J=125C
VDS > ID(on)xRDS (on)MAX 250s pulse test @ < 0.5 duty cycle
I D, Drain Current (A)
50 40 30 20 10 0 0 5 10 15 20
7V
6.5V 6V
5.5V 5V
TJ=-55C
25
6
7
8
9
VDS , Drain to Source Voltage (V) RDS(on) vs Drain Current ID, DC Drain Current (A)
Normalized to VGS=10V @ 11A
VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 25 20 15 10 5 0
RDS(on) Drain to Source ON Resistance
1.4 1.3 1.2 1.1 1 0.9 0.8 0
VGS=10V V GS=20V
10
20
30
40
50
60
25
50
75
100
125
150
APTM100TDU35PG- Rev 1 July, 2006
ID, Drain Current (A)
TC, Case Temperature (C)
www.microsemi.com
4-6
APTM100TDU35PG
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) I D, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000 C, Capacitance (pF) 14 12 10 8 6 4 2 0 0 50 100 150 200 250 Gate Charge (nC)
APTM100TDU35PG- Rev 1 July, 2006
ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
VGS =10V ID=11A
100
limited by RDSon 100s
10 Single pulse TJ =150C TC=25C 1 1
1ms
10ms
10 100 1000 VDS, Drain to Source Voltage (V)
Gate Charge vs Gate to Source Voltage I D=22A TJ=25C
VDS=200V VDS=500V V DS =800V
10000
Ciss
1000
Coss
Crss 100 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
www.microsemi.com
5-6
APTM100TDU35PG
Delay Times vs Current 180 160 td(on) and td(off) (ns) 140 tr and tf (ns) 120 100 80 60 40 20 0 0 10 20 30 40 50 ID, Drain Current (A) Switching Energy vs Current
V DS=670V RG=5 T J=125C L=100H
Rise and Fall times vs Current 80 t d(off) 70 60 50 40 30 20 10 0 0 10 20 30 40 I D, Drain Current (A) 50 tr
VDS=670V RG=5 TJ=125C L=100H
tf
td(on)
Switching Energy vs Gate Resistance 4 Switching Energy (mJ) 3.5 3 2.5 2 1.5 1 0.5 0 0 5 10 15 20 25 30 35 Eoff Eon
VDS=670V ID=22A TJ=125C L=100H
2.5
Switching Energy (mJ)
2 1.5 1 0.5 0 0
V DS=670V RG=5 T J=125C L=100H
Eon
Eoff
E off
10
20
30
40
50
ID, Drain Current (A) Operating Frequency vs Drain Current
ZVS
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage I DR, Reverse Drain Current (A) 1000
Frequency (kHz)
250 225 200 175 150 125 100 75 50 25 0 5
ZCS
100
T J=150C
VDS=670V D=50% RG=5 T J=125C T C=75C
10
T J=25C
Hard switching
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VSD, Source to Drain Voltage (V)
APTM100TDU35PG- Rev 1 July, 2006
8
10 13 15 18 ID, Drain Current (A)
20
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6


▲Up To Search▲   

 
Price & Availability of APTM100TDU35PG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X